Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX5616Q Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza BCX5616Q
Descripción Electrónicos  80V NPN MEDIUM POWER TRANSISTORS IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5616Q Datasheet(HTML) 6 Page - Diodes Incorporated

  BCX5616Q_15 Datasheet HTML 1Page - Diodes Incorporated BCX5616Q_15 Datasheet HTML 2Page - Diodes Incorporated BCX5616Q_15 Datasheet HTML 3Page - Diodes Incorporated BCX5616Q_15 Datasheet HTML 4Page - Diodes Incorporated BCX5616Q_15 Datasheet HTML 5Page - Diodes Incorporated BCX5616Q_15 Datasheet HTML 6Page - Diodes Incorporated BCX5616Q_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCX5616Q
Datasheet Number: DS37024 Rev. 2
– 2
6 of 7
www.diodes.com
May 2015
© Diodes Incorporated
BCX5616Q
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Y4
X2
Y1
X
Y
Y2
Y3
G
C
X1
SOT89
Dim
Min
Max
Typ
A
1.40
 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.427 REF
Z
0.30 REF
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.500
G
0.244
X
0.580
X1
0.760
X2
1.933
Y
1.730
Y1
3.030
Y2
1.500
Y3
0.770
Y4
4.530
H1
E
H
D1
B
e
c
L
A
D
8° (4X
)
D2
E2
z
L1
R0.2
00
B1


Número de pieza similar - BCX5616Q_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BCX5616QTA DIODES-BCX5616QTA Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BCX5616QTC DIODES-BCX5616QTC Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
More results

Descripción similar - BCX5616Q_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT89
BCX54_55_56 DIODES-BCX54_55_56_15 Datasheet
310Kb / 7P
   NPN MEDIUM POWER TRANSISTORS IN SOT89
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
BSR33 DIODES-BSR33 Datasheet
293Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
November 2013 Rev. 5 - 2
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT89
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com