Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1258A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1258A
Descripción Electrónicos  SAW Filter 455 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1258A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1258A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1258A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 455 MHz
MODEL NO.:TA1258A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC Voltage : 0V
3. Operating Temperature: -30°C to +80°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Note
Center frequency,FC (MHz)
-
455
-
Minimum I.L., (dB)
-
2.0
3.2
VSWR
452.5~457.5 MHz
2.0
2.5
Attenuation:( relative to ILmin) (dB )
0.3~350 MHz
45
55
-
350~445 MHz
40
50
-
462.5~467.5 MHz
30
38
-
467.5~2000 MHz
35
50
Source Impedance (ohm)
100
Load Impedance (ohm)
50
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA1258A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA1258A GOLLEDGE-TA1258A Datasheet
203Kb / 7P
   SAW Filter 455.0MHz
More results

Descripción similar - TA1258A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1087A TAI-SAW-TA1087A Datasheet
408Kb / 6P
   SAW Filter 455 MHz
TB0267A TAI-SAW-TB0267A Datasheet
372Kb / 6P
   SAW Filter 455 MHz
logo
API Technologies Corp
SF0455BA03134S APITECH-SF0455BA03134S Datasheet
158Kb / 3P
   455 MHz SAW Filter 30 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0455BA03134S SPECTRUM-SF0455BA03134S Datasheet
158Kb / 3P
   455 MHz SAW Filter 30 MHz Bandwidth
logo
KR Electronics, Inc.
3012-455 KR-3012-455 Datasheet
97Kb / 3P
   455 MHz Bandpass Filter
3017-SMA KR-3017-SMA Datasheet
100Kb / 3P
   455 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
   SAW Resonator 455 MHz SMD3.8X3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
KR Electronics, Inc.
3017 KR-3017 Datasheet
48Kb / 3P
   455 MHz Bandpass
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com