Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1352A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1352A
Descripción Electrónicos  SAW Filter 499 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1352A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1352A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1352A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E.OUTLINE DRAWING:
Product Year Code
Year
2011
2013
2015
.
2012
2014
2016
.
Product Code
A
a
Week Code Table
F. PCB Footprint:
1.55
B : Input
E: Output
A,C,D,F Ground
:Year Code
: Date Code
Unit: mm
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
n
opq
r
s
t
u
v
w
x
y
z


Número de pieza similar - TA1352A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA1352A GOLLEDGE-TA1352A Datasheet
120Kb / 5P
   SAW Filter 499.0MHz
More results

Descripción similar - TA1352A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0785A TAI-SAW-TA0785A Datasheet
329Kb / 6P
   SAW Filter 499 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com