Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS10P07G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS10P07G
Descripción Electrónicos  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10P07G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10P07G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10P07G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10P07G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10P07G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2tA2s
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1312005
Version: J13
TS15P01G thru TS15P07G
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TS-6P
MECHANICAL DATA
Case:
TS-6P
Polarity:
Polarity as marked on the body
Mounting torque:
8.17 in-lbs maximum
Weight:
7.15 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
TS15P
01G
TS15P
02G
TS15P
03G
TS15P
04G
TS15P
05G
TS15P
06G
TS15P
07G
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
V
Maximum average forward rectified current
15
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
240
A
0.8
Rating for fusing (t<8.3ms)
239
Maximum instantaneous forward voltage (Note 1)
@ 7.5 A
@ 15 A
VF
1.0
1.1
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Maximum DC reverse current
TJ=25 ℃
at rated DC blocking voltage
TJ=125℃
IR
10
500
μA
Typical thermal resistance


Número de pieza similar - TS10P07G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS10P07G TSC-TS10P07G Datasheet
50Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P07G TSC-TS10P07G Datasheet
226Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P07G TSC-TS10P07G Datasheet
138Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P07G-K TSC-TS10P07G-K Datasheet
391Kb / 6P
   10A, 50V - 1000V Glass Passivated Bridge Rectifier
More results

Descripción similar - TS10P07G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com