Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1381A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1381A
Descripción Electrónicos  SAW Filter 978 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1381A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1381A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1381A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 978 MHz
MODEL NO.:TA1381A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: 0°C to +85°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (differential) :
Zs = 50 Ω
Terminating load impedance (differential) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
978
-
-
Insertion Loss (965.5 ~ 990.5 MHz)
dB
-
2.6
3.5
-
Amplitude ripple (965.5 ~ 990.5 MHz)
dB
-
0.7
1.5
-
VSWR (965.5 ~ 990.5 MHz)
-
1.8
2.3
-
Attenuation (reference level from 0 dB)
200 ~ 600
MHz
dB
45
48
-
-
600 ~ 850
MHz
dB
40
43
-
-
850 ~ 920
MHz
dB
30
41
-
-
1040 ~ 1100
MHz
dB
30
35
-
-
1100 ~ 1250
MHz
dB
38
42
-
-
1250 ~ 1800
MHz
dB
30
34
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA1381A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Descripción similar - TA1381A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1410A TAI-SAW-TA1410A Datasheet
412Kb / 8P
   SAW Filter 978 MHz
TA1797A TAI-SAW-TA1797A Datasheet
428Kb / 7P
   SAW Filter 978 MHz
TA1233A TAI-SAW-TA1233A Datasheet
410Kb / 6P
   SAW Filter 978 MHz
TA0689A TAI-SAW-TA0689A Datasheet
300Kb / 7P
   SAW Filter 978 MHz SMD 3.0X3.0 mm
TA2582ATCA TAI-SAW-TA2582ATCA Datasheet
538Kb / 8P
   TCSAW Filter 978 MHz SMD 3X3 mm (BW=5MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com