Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1395A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1395A
Descripción Electrónicos  SAW Filter 881.5 MHz BW25MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1395A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1395A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1395A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 881.5 MHz BW25MHz
MODEL NO.: TA1395A
Rev .2.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -30°C to +85°C
Electrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance
:
ZL = 50 Ω
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
881.5
-
-
Insertion Loss (869~894 MHz)
IL
dB
-
2.5
3.0
-
VSWR (869~894 MHz)
dB
-
1.6
2.0
-
Amplitude ripple(869~894 MHz)
dB
-
0.7
2.2
-
Attenuation
D.C ~ 800
MHz
dB
40
45
-
-
800 ~ 826
MHz
dB
38
42
-
-
826 ~ 846
MHz
dB
35
40
-
-
845 ~ 850
MHz
dB
20
39
-
-
850 ~ 856
MHz
dB
15
34
-
910 ~ 914
MHz
dB
15
18
-
-
914 ~ 950
MHz
dB
20
24
-
-
950 ~ 973
MHz
dB
42
49
-
973 ~2340
MHz
dB
30
35
-
-
2340 ~ 6000
MHz
dB
25
30
-
-
Package size
mm
SMD 1.4x1.1
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA1395A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
More results

Descripción similar - TA1395A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
   881.5 MHz SAW Filter
logo
TriQuint Semiconductor
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
   881.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1183B MURATA-SF1183B Datasheet
171Kb / 5P
   881.5 MHz SAW Filter
SF1183E_TD MURATA-SF1183E_TD Datasheet
697Kb / 5P
   881.5 MHz SAW Filter
SF1183G MURATA-SF1183G Datasheet
326Kb / 5P
   881.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0184A TAI-SAW-TA0184A Datasheet
780Kb / 6P
   SAW Filter 881.5 MHz
logo
TriQuint Semiconductor
855782 TRIQUINT-855782_15 Datasheet
558Kb / 5P
   881.5 MHz SAW Filter
855728 TRIQUINT-855728 Datasheet
548Kb / 5P
   881.5 MHz SAW Filter
855782 TRIQUINT-855782 Datasheet
379Kb / 5P
   881.5 MHz SAW Filter
logo
Integrated Technology F...
T88151B ITF-T88151B Datasheet
162Kb / 2P
   881.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com