Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSF40H200C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSF40H200C
Descripción Electrónicos  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF40H200C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF40H200C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF40H200C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF40H200C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF40H200C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF40H200C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
25C
100C
125C
150C
Fig 3: VF for 120V
25C
100C
125C
150C
Fig 3: VF for 150V
Document Number: DS_D1411064
Version: B14
C0
PACKING CODE
PART NO.
TSF40HXXXC
(Note 1)
C0
PACKING CODE
PART NO.
TSF40H120C
Note 1: "XXX" defines voltage from 100V (TSF40H100C) to 200V (TSF40H200C)
TSF40H100C thru TSF40H200C
Taiwan Semiconductor
ORDERING INFORMATION
PACKING
G
50 / Tube
PACKING CODE
SUFFIX
PACKAGE
ITO-220AB
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
EXAMPLE
TSF40H120C C0G
G
Green compound
DESCRIPTION
PREFERRED
PART NO.
PACKING CODE
SUFFIX
0
10
20
30
40
50
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
TSF40H150C~200C
TSF40H100C~120C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FORWARD VOLTAGE (V)
FIG. 2- TYPICAL FORWARD CHARACTERISTICS
T
J=25°C
T
J=100°C
T
J=125°C
T
J=150°C
TSF40H100C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
TSF40H120C
T
J=25°C
T
J=100°C
T
J=125°C
T
J=150°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
TSF40H150C
T
J=25°C
T
J=100°C
T
J=125°C
T
J=150°C


Número de pieza similar - TSF40H200C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
TSF40H200C ISC-TSF40H200C Datasheet
187Kb / 2P
   Schottky Barrier Rectifier
More results

Descripción similar - TSF40H200C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com