Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1605A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1605A
Descripción Electrónicos  SAW Filter 782 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1605A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1605A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1605A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1605A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1605A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1605A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1605A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D. OUTLINE DRAWING:
Date Code Table:
E. PCB Footprint:
B: Input
E: Output
A, C, D, F: Ground
Unit: mm
△:Year Code (2011->1, 2012->2, …, 2019->9, 2020->0)
□:Date Code


Número de pieza similar - TA1605A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
TA160-08B BOTHHAND-TA160-08B Datasheet
249Kb / 1P
   10 BASE-T TRANSFORMER MODULE
logo
Transcom, Inc.
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
TA160-180-50-10 TRANSCOM-TA160-180-50-10 Datasheet
17Kb / 1P
   16 - 18 GHz 10 dBm Power Amplifier
logo
Transko Electronics, In...
TA16004AV TRANSKO-TA16004AV Datasheet
541Kb / 4P
   160.00 MHz IF SAW Filter / 4.54 MHz Bandwidth
Revision 0: 04. Apr. 2008
TA16015AD1 TRANSKO-TA16015AD1 Datasheet
568Kb / 4P
   160.0 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 17. DEC. 2009
More results

Descripción similar - TA1605A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1152A TAI-SAW-TA1152A Datasheet
447Kb / 7P
   SAW Filter 782 MHz
logo
Murata Manufacturing Co...
SF2315E MURATA-SF2315E Datasheet
308Kb / 4P
   782 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2441B TAI-SAW-TA2441B Datasheet
496Kb / 9P
   SAW Filter 782 MHz
TA1813B TAI-SAW-TA1813B Datasheet
535Kb / 9P
   SAW Filter 782 MHz
logo
TriQuint Semiconductor
856844 TRIQUINT-856844_15 Datasheet
520Kb / 5P
   782 MHz SAW Filter
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2641A TAI-SAW-TA2641A Datasheet
456Kb / 8P
   SAW Filter 782 MHz BW 10 MHz SMD 1.4 x 1.1mm
logo
TriQuint Semiconductor
856879 TRIQUINT-856879 Datasheet
736Kb / 9P
   782/751 MHz Duplexer
856879 TRIQUINT-856879_15 Datasheet
118Kb / 1P
   782/751 MHz Duplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com