Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4752G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N4752G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 5 page - Zener voltage range 3.3 to 56Volts - DO-41 package (JEDEC) - Through-hole device type mounting - Hermetically sealed glass - Compression bonded construction - Solder hot dip tin(Sn) lead finish - ROHS complaint - Lead: Pure tin plated, lead free, solderable per MIL-STD-202, method 208 guaranteed - Polarity: Color band denotes cathode - Weight: 0.270~0.290 grams - Marking code: 1N47XXG for ± 5% Vz SYMBOL UNIT PD W Rjl oC/W Rja oC/W TOPR oC TSTG oC Note: These ratings are limiting values above which the serviceability of the diode may be impaired Document Number: DS_S1406003 Taiwan Semiconductor VALUE 1N4728G ~ 1N4758G Small Signal Product 1W DO-41 Zener Volatge Regulators - All external surfaces are corrosion resistant and terminals are readily solderable - High temperature soldering guaranteed: ' 260 oC/10 s MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted) PARAMETER FEATURES Power Dissipation 1 DO-41 MECHANICAL DATA Version: E14 Thermal Resistance Junction to Lead - 65 to + 200 Thermal Resistance Junction to Ambient OperatingTemperature Range Storage Temperature Range 53.5 100 - 65 to + 200 Cathode Anode |
Número de pieza similar - 1N4752G |
|
Descripción similar - 1N4752G |