Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4750A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4750A
Descripción Electrónicos  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4750A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N4750A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4750A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4750A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4750A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4750A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4750A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4750A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CREAT BY ART
Document Number: DS_D1409040
Version: L15
1N4740A - 1M200Z
Taiwan Semiconductor
10
100
1000
1
10
100
Vz, FORWARD VOLTAGE (V)
FIG.6 TYPICAL CAPACITANCE versus Vz
50% OF BREAKDOWN
0V BIAS
1.0V BIAS
-4
-2
0
2
4
6
8
10
12
2
34567
89
10
11
12
Vz, ZENER VOLTAGE(V)
FIG. 7 TEMPERATURE COEFFICIENTS
a-RANGE FOR UNITS TO 12 VOLTS
RANGE Vz@ IZT
1
10
100
10
100
Vz, ZENER VOLTAGE(V)
FIG.8 TEMPERATURE COEFFICIENTS
RANGE Vz@ IZT
b-RANGE FOR UNITS 12 TO 100 VOLTS
-4
-2
0
2
4
6
33.544.555.5
6
6.5
7
7.5
8
Vz, ZENER VOLTAGE(V)
FIG. 9 EFFECT OF ZENER CURRENT
NOTE:BELOW 3 VOLTAGE ABOVE a
VOLTS CHANGES IN ZENER CURRENT
NOT AFFECT TEMPERATURE COEFFICIENTS
Vz@ IZT
0.01mA
1 mA
20mA
0
25
50
75
100
125
150
175
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
L, LEAD LENGTH TO HEAT SINK(INCHES)
FIG. 10 TYPICAL THERMAL RESISTANCE
versus LEAD LENGTH


Número de pieza similar - 1N4750A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N4750A VISHAY-1N4750A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4750A VISHAY-1N4750A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4750A VISHAY-1N4750A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Microsemi Corporation
1N4750A MICROSEMI-1N4750A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
List of Unclassifed Man...
1N4750A ETC1-1N4750A Datasheet
16Kb / 1P
   Zener Diodes
More results

Descripción similar - 1N4750A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com