Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5233B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N5233B
Descripción Electrónicos  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5233B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N5233B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5233B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: DS_S1410003
Version: E14
1N5221B - 1N5263B
Taiwan Semiconductor
Small Signal Product
-5
0
5
10
15
0
1020
3040
50
VZ - Z-Voltage (V)
Fig. 5 Temperature Coefficient of Vz VS. Z-Voltage
IZ = 5 mA
0
20
40
60
80
100
024
68
10
VZ - Z-Voltage (V)
Fig.8 Z-Current VS. Z-Voltage
Ptot = 500 mW
Tamb= 25 oC
0
50
100
150
200
0
5
10
15
20
25
V
Z - Z-Voltage (V)
Fig.6 Diode Capacitance VS. Z-Voltage
VR = 2 V
Tj = 25oC
1
10
100
1000
0
5
10
15
20
25
VZ - Z-Voltage (V)
Fig.10 Differential Z-Resistance VS. Z-Voltage
I
Z = 1 mA
5 mA
10 mA
Tj = 25oC
0
10
20
30
40
50
15
20
25
30
35
V
Z - Z-Voltage (V)
Fig. 9 Z-Current VS. Z-Voltage
Ptot = 500 mW
Tamb = 25 °C
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
V
F - Forward Voltage (V)
Figure 7. Forward Current VS. Forward Voltage
Tj = 25oC


Número de pieza similar - 1N5233B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5233B VISHAY-1N5233B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5233B SECOS-1N5233B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Shenzhen Ping Sheng Ele...
1N5233B PFS-1N5233B Datasheet
157Kb / 2P
   Zener diode
logo
Weitron Technology
1N5233B WEITRON-1N5233B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Gaomi Xinghe Electronic...
1N5233B GXELECTRONICS-1N5233B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
More results

Descripción similar - 1N5233B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com