Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4756A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4756A
Descripción Electrónicos  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4756A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4756A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CREAT BY ART
(TA=25°C unless otherwise noted)
Document Number: DS_D1409040
Version: L15
RATINGS AND CHARACTERISTICS CURVES
1N4740A - 1M200Z
Taiwan Semiconductor
0
0.25
0.5
0.75
1
1.25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(oC)
FIG. 1 POWER TEMPERATURE DERATING CURVE
1
10
100
1000
110
100
Iz, ZENER CURRENT(mA)
FIG.4 EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
Iz(rms)=0.1 Iz(dc)
f=1KHz
Iz = 1mA
5 mA
20mA
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VF, FORWARD VOLTAGE (V)
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
MINIMUM
MAXIMUM
0°C
25°C
70°C
150°C
1
10
100
1000
0
1
10
100
Iz, ZENER CURRENT (mA)
FIG.3 EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
Iz(rms)=0.1 Iz(dc)
f=1KHz
47V
27V
0.8V
0.001
0.01
0.1
1
10
100
1000
10000
345
6789
10
11
12
13
14
15
Vz, NOMINAL ZENER VOLTAGE(V)
FIG.5 TYPICAL LEAKAGE CURRENT
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
125°C
25°C


Número de pieza similar - 1N4756A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4756A FAIRCHILD-1N4756A Datasheet
667Kb / 5P
   Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N4756A SEMTECH_ELEC-1N4756A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
1N4756A FAIRCHILD-1N4756A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Microdiode Electronics ...
1N4756A CHENDA-1N4756A Datasheet
721Kb / 3P
   Low zener impedance
More results

Descripción similar - 1N4756A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com