Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5263B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N5263B
Descripción Electrónicos  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5263B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N5263B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5263B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
- Zener voltage range 2.4 to 56 volts
- DO-35 package
- Through-hole device type mounting
- Hemetically sealed glass
- Compression bonded construction
- ROHS complaint
- Solder hot dip Tin(Sn) lead finish
- Cathode indicated by polarity band
- Packing code with suffix "G" means
Halogen-free
SYMBOL
UNITS
PD
mW
VF
V
TJ , TSTG
°C
Document Number: DS_S1410003
Version: E14
Operating and Storage Temperature Range
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
FEATURES
Power dissipation
500
DO-35
Taiwan Semiconductor
Forward Voltage @IF=200mA
VALUE
1N5221B - 1N5263B
Small Signal Product
0.5W Hermetically Sealed Glass Zener Diodes
- All extermal surfaces are corrosion
resistant and leads are readily solderable
1.1


Número de pieza similar - 1N5263B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N5263B NJSEMI-1N5263B Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Vishay Siliconix
1N5263B VISHAY-1N5263B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
1N5263B VISHAY-1N5263B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 06-May-13
logo
First Components Intern...
1N5263B FCI-1N5263B Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
logo
Sangdest Microelectroni...
1N5263B SMC-1N5263B Datasheet
294Kb / 5P
   ZENER DIODES
More results

Descripción similar - 1N5263B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com