Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF3001 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza UF3001
Descripción Electrónicos  3.0A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF3001 Datasheet(HTML) 2 Page - Diodes Incorporated

  UF3001_15 Datasheet HTML 1Page - Diodes Incorporated UF3001_15 Datasheet HTML 2Page - Diodes Incorporated UF3001_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS25004 Rev. 8 - 2
2 of 3
UF3001 - UF3007
www.diodes.com
0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
UF3001 - 3003
UF3005 - 3007
UF3004
T = 25°C
j
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
UF3001 - 3004
UF3005 - 3007
f = 1MHz
0
1
2
3
4
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
A
Fig. 1 Forward Current Derating Curve
°
Single phase half wave
Resistive or Inductive load


Número de pieza similar - UF3001_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compact Technology Corp...
UF3001 CTC-UF3001_15 Datasheet
52Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Descripción similar - UF3001_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
UF3001 DIODES-UF3001_1 Datasheet
409Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
logo
TAITRON Components Inco...
UF5400 TAITRON-UF5400 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
TUF301 TAITRON-TUF301 Datasheet
137Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
UG3001 DIODES-UG3001 Datasheet
86Kb / 2P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
UG3001 DIODES-UG3001_1 Datasheet
85Kb / 3P
   3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
   3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
   3.0A Surface Mount Ultra-Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com