Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-16 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BC817-16
Descripción Electrónicos  300mW, NPN Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC817-16 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BC817-16_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC817-16_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC817-16_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC817-16_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Small Signal Product
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1404005
Version: H15
BC817-16/-25/-40
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Número de pieza similar - BC817-16_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
   NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
   NPN Small Signal Transistor 310mW
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16_15 Datasheet
225Kb / 2P
   NPN EPTTAXIAL SILICON TRANSISTOR
logo
Diodes Incorporated
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
More results

Descripción similar - BC817-16_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
MMBTA05 TSC-MMBTA05_15 Datasheet
749Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16 Datasheet
81Kb / 2P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_11 Datasheet
518Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A_15 Datasheet
256Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904L TSC-MMBT3904L Datasheet
253Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_14 Datasheet
221Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A Datasheet
214Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_10 Datasheet
309Kb / 3P
   300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
   Dual NPN Small Signal Transistor 300mW
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com