Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BC846A
Descripción Electrónicos  NPN Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC846A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BC846A_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC846A_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC846A_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC846A_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC846A_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
MARKING
BC846A
1A
BC846B
1B
BC847A
1E
BC847B
1F
BC847C
1G
BC848A
1J
BC848B
1K
BC848C
1L
PART NO.
BC846A
BC846A
Document Number: DS_S1404004
RF
G
SOT-23
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
ORDERING INFORMATION
PACKING CODE
PACKING
3K / 7" Reel
RF
G
SOT-23
3K / 7" Reel
MANUFACTURE
CODE
BC846A/B, BC847A/B/C, BC848A/B/C
MANUFACTURE
CODE
DESCRIPTION
D0
PACKAGE
RF
G
Taiwan Semiconductor
Small Signal Product
(Note)
SOT-23
PACKING CODE
GREEN COMPOUND
CODE
Green compound
GREEN COMPOUND
CODE
Note: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
Version: G14
BC846A RFG
RF
G
Green compound
BC846A-D0 RFG
RF
G


Número de pieza similar - BC846A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
   250mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC846A MCC-BC846A_11 Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
SeCoS Halbleitertechnol...
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results

Descripción similar - BC846A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com