Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX585B7V5 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BZX585B7V5
Descripción Electrónicos  Zener Diode, 2% Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX585B7V5 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX585B7V5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX585B7V5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX585B7V5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX585B7V5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX585B7V5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX585B7V5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
(TA=25
oC unless otherwise noted)
IZT
Nom
Min
Max
(Ω)(mA)
Min
Max
mA
BZX585B2V4
05
2.4
2.35
2.45
5
100
564
1.0
45
1
-3.5
0.0
5
BZX585B2V7
15
2.7
2.65
2.75
5
100
564
1.0
18
1
-3.5
0.0
5
BZX585B3V0
25
3.0
2.94
3.06
5
100
564
1.0
9
1
-3.5
0.0
5
BZX585B3V3
35
3.3
3.23
3.37
5
95
564
1.0
4.5
1
-3.5
0.0
5
BZX585B3V6
45
3.6
3.53
3.67
5
90
564
1.0
4.5
1
-3.5
0.0
5
BZX585B3V9
55
3.9
3.82
3.98
5
90
564
1.0
2.7
1
-3.5
0.0
5
BZX585B4V3
65
4.3
4.21
4.39
5
90
564
1.0
2.7
1
-3.5
0.0
5
BZX585B4V7
75
4.7
4.61
4.79
5
80
470
1.0
2.7
2
-3.5
0.0
5
BZX585B5V1
85
5.1
5.00
5.20
5
60
451
1.0
1.8
2
-2.7
1.2
5
BZX585B5V6
95
5.6
5.49
5.71
5
40
376
1.0
0.9
2
-2
2.5
5
BZX585B6V2
A5
6.2
6.08
6.32
5
10
141
1.0
2.7
4
0.4
3.7
5
BZX585B6V8
B5
6.8
6.66
6.94
5
15
75
1.0
1.8
4
1.2
4.5
5
BZX585B7V5
C5
7.5
7.35
7.65
5
15
75
1.0
0.9
5
2.5
5.3
5
BZX585B8V2
D5
8.2
8.04
8.36
5
15
75
1.0
0.63
5
3.2
6.2
5
BZX585B9V1
E5
9.1
8.92
9.28
5
15
94
1.0
0.45
6
3.8
7.0
5
BZX585B10
F5
10
9.80
10.20
5
20
141
1.0
0.18
7
4.5
8.0
5
BZX585B11
G5
11
10.78
11.22
5
20
141
1.0
0.09
8
5.4
9.0
5
BZX585B12
H5
12
11.60
12.24
5
25
141
1.0
0.09
8
6.0
10.0
5
BZX585B13
J5
13
12.74
13.26
5
30
160
1.0
0.09
8
7.0
11.0
5
BZX585B15
K5
15
14.70
15.30
5
30
188
1.0
0.045
10.5
9.2
13.0
5
BZX585B16
L5
16
15.68
16.32
5
40
188
1.0
0.045
11.2
10.4
14.0
5
BZX585B18
M5
18
17.64
18.36
5
45
212
1.0
0.045
12.6
12.4
16.0
5
BZX585B20
N5
20
19.60
20.40
5
55
212
1.0
0.045
14.0
14.4
18.0
5
BZX585B22
P5
22
21.56
22.44
5
55
235
1.0
0.045
15.4
16.4
20.0
5
BZX585B24
R5
24
23.52
24.48
5
70
235
1.0
0.045
16.8
18.4
22.0
5
BZX585B27
S5
27
26.46
27.54
2
80
282
0.5
0.045
18.9
21.4
25.3
2
BZX585B30
T5
30
29.40
30.60
2
80
282
0.5
0.045
21.0
24.4
29.4
2
BZX585B33
U5
33
32.34
33.66
2
80
306
0.5
0.045
23.0
27.4
33.4
2
BZX585B36
V5
36
35.28
36.72
2
90
329
0.5
0.045
25.2
30.4
37.4
2
BZX585B39
X5
39
38.22
39.78
2
130
329
0.5
0.045
27.3
33.4
41.2
2
BZX585B43
Y5
43
42.14
43.86
2
150
353
0.5
0.045
30.1
10.0
12.0
5
BZX585B47
Z5
47
46.06
47.94
2
170
353
0.5
0.045
33.0
10.0
12.0
5
BZX585B51
-5
51
49.98
52.02
2
180
376
0.5
0.045
35.7
10.0
12.0
5
Version: B14
Marking
Test
Current
BZX585B2V4 thru BZX585B51
Taiwan Semiconductor
VZ @ IZT
(V)
IZT
(mA)
ZZT
@ IZT
(Ω)
IR
(μA)
VR
(V)
ZZK @ IZK
Typical
Temperature
Coefficent
Tc @ IZT
(mV/
oC)
Zener Voltage Range
Maximum
Zener
Impedance
Maximum
Reverse
Currrent
Small Signal Product
Part
Number


Número de pieza similar - BZX585B7V5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BZX585B7V5 KEXIN-BZX585B7V5 Datasheet
48Kb / 2P
   Zener Diodes
More results

Descripción similar - BZX585B7V5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com