Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS16HLP-7B Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BAS16HLP-7B
Descripción Electrónicos  SURFACE MOUNT FAST SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HLP-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS16HLP-7B Datasheet HTML 1Page - Diodes Incorporated BAS16HLP-7B Datasheet HTML 2Page - Diodes Incorporated BAS16HLP-7B Datasheet HTML 3Page - Diodes Incorporated BAS16HLP-7B Datasheet HTML 4Page - Diodes Incorporated BAS16HLP-7B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS16HLP
Document number: DS31740 Rev. 5 - 2
2 of 5
www.diodes.com
May 2015
© Diodes Incorporated
BAS16HLP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
125
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Continuous Current
IFM
215
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
@ t = 1.0s
IFSM
4
1
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance Junction to Ambient (Note 5)
RJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 6)
V(BR)R
100
V
IR = 100µA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Peak Reverse Current (Note 6)
IR
500
50
30
30
nA
µA
µA
nA
VR = 80V
VR = 80V, TJ = +150°C
VR = 25V, TJ = +150°C
VR = 25V
Total Capacitance
CT
1.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.


Número de pieza similar - BAS16HLP-7B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAS16HLP-7B DIODES-BAS16HLP-7B Datasheet
89Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Descripción similar - BAS16HLP-7B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com