Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7960DP Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI7960DP
Descripción Electrónicos  Dual N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7960DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7960DP_15 Datasheet HTML 1Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7960DP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 73075
S09-0223-Rev. B, 09-Feb-09
Vishay Siliconix
Si7960DP
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 9.7 A
0.017
0.021
Ω
VGS = 4.5 V, ID = 8.9 A
0.020
0.025
Forward Transconductancea
gfs
VDS = 15 V, ID = 9.7 A
33
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 9.7 A
49
75
nC
Gate-Source Charge
Qgs
5.7
Gate-Drain Charge
Qgd
8.6
Gate Resistance
Rg
f = 1 MHz
2
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
12
20
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
60
90
Fall Time
tf
17
30
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, dI/dt = 100 A/µs
30
60
Output Characteristics
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 V thru 4 V
VDS - Drain-to-Source Voltage (V)
3V
Transfer Characteristics
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Número de pieza similar - SI7960DP_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7960DP-T1-E3 VISHAY-SI7960DP-T1-E3 Datasheet
521Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7960DP-T1-GE3 VISHAY-SI7960DP-T1-GE3 Datasheet
521Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Descripción similar - SI7960DP_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com