Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIA436DJ Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SIA436DJ
Descripción Electrónicos  N-Channel 8 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA436DJ Datasheet(HTML) 1 Page - Vishay Siliconix

  SIA436DJ_15 Datasheet HTML 1Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 2Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 3Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 4Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 5Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 6Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 7Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 8Page - Vishay Siliconix SIA436DJ_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiA436DJ
New Product
Document Number: 63535
S11-2242-Rev. A, 14-Nov-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 8 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
•100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Applications such as Smart
Phones, Tablet PCs and Mobile Computing
- Low Voltage Gate Drive
- Low Voltage Drop
- Power Switch for ICs
Notes:
a. Package limited
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (www.vishay.com/ppg?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 80 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω) Max.
ID (A)
a
Qg (Typ.)
8
0.0094 at VGS = 4.5 V
12
15 nC
0.0105 at VGS = 2.5 V
12
0.0125 at VGS = 1.8 V
12
0.0180 at VGS = 1.5 V
12
0.0360 at VGS = 1.2 V
12
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12a
A
TC = 70 °C
12a
TA = 25 °C
12a, b, c
TA = 70 °C
12a, b, c
Pulsed Drain Current (t = 300 µs)
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
12a
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
19
W
TC = 70 °C
12
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
28
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
5.3
6.5
Marking Code
X X X
A O X
Lot Traceability
and Date code
Part # code
Ordering Information: SiA436DJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
PowerPAK SC-70-6L-Single
6
5
4
1
2
3
D
D
D
D
G
S
S
2.05 mm
2.05 mm


Número de pieza similar - SIA436DJ_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIA436DJ-T1-GE3 VISHAY-SIA436DJ-T1-GE3 Datasheet
231Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SIA436DJ VISHAY-SIA436DJ_V01 Datasheet
231Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SIA436DJ VISHAY-SIA436DJ_V02 Datasheet
231Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SIA436DJ_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com