Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS78L09ACYRM Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS78L09ACYRM
Descripción Electrónicos  3-Terminal 100mA Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L09ACYRM Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L09ACYRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L09ACYRM Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
6/13
Version: G14
Application Information
Design Considerations
The TS78L00 Series of fixed voltage regulators are designed with Thermal Overload Protection that shuts down
the circuit when subjected to an excessive power overload condition. Internal Short Circuit protection Limits the
maximum current the circuit will pass.
In many low current applications, compensation capacitors are not required. However, it is recommended that the
regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire
lengths, or if the output load capacitance is large. The input bypass capacitor should be selected to provide good
high-frequency characteristics to insure stable operation under all load conditions. A 0.33µF or larger tantalum,
mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The bypass
capacitor should be mounted with the shortest possible leads directly across the regulators input terminals. Good
construction techniques should be used to minimize ground loops and lead resistance drops since the regulator
has no external sense lead. Bypassing the output is also recommended.
FIGURE 1 – Current Regulator
The TS78L00 regulators can also be used as a current
source when connected as above. In order to minimize
dissipation the TS78L05 is chosen in this application.
Resistor R determines the current as follows:
IIB=3.8mA over lined and load changes
For example, a 100mA current source would require R to
be a 50Ω. 1/2W resistor and the output voltage compliance
would be the input voltage less 7V.
FIGURE 2 –
±±±±15V Tracking Voltage Regulator
FIGURE 3 –
±±±±15V Tracking Voltage Regulator


Número de pieza similar - TS78L09ACYRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L03ACYRM TSC-TS78L03ACYRM Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L03CSRL TSC-TS78L03CSRL Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L03CTA3 TSC-TS78L03CTA3 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
More results

Descripción similar - TS78L09ACYRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com