Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4264GCW50 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS4264GCW50
Descripción Electrónicos  5V/150mA Fixed-Voltage Ultra Low LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264GCW50 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4264GCW50_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264GCW50_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS4264GCW50
5V/150mA Fixed-Voltage Ultra Low LDO
2/5
Version: B14
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input Voltage
VIN
-42
45
V
Input Voltage (Operating Range)
VIN (OPR)
5.5
45
V
Input Current
IIN
--
--
--
Internally Limited
Output Voltage
VOUT
-0.3
32
V
Output Current
IOUT
--
--
--
Internally Limited
Ground Current
IGND
50
--
mA
Junction Temperature
TJ
--
150
ºC
Operating Junction Temperature Range
TJOPR
-40
150
ºC
Storage Temperature
TSTG
-50
150
ºC
Thermal Performance
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Thermal Resistance Junction-Ambient
RΘJA
--
80
oC/W
Thermal Resistance Junction-Pin
RΘJP
--
17
oC/W
Note: Measured to pin 2 (tab)
Electrical Characteristics VIN=13.5V, -40
≤ T
J
≤+150, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Typ.
Max.
Output Voltage
VOUT
4.85
5.0
5.15
V
6V
≤V
IN
≤21V, 5mA≤I
O
≤100mA
Output Voltage
VOUT
4.90
5.0
5.10
V
6V
≤V
IN
≤16V, 5mA≤I
O
≤50mA
Output Current Limit
IOUT
150
200
500
mA
Current Consumption
IQ
--
40
60
µA
IO=100µA, TJ≤85ºC
--
40
70
IO=100µA
--
1.7
4
mA
IO=50mA
Dropout Voltage
(Note)
VDROP
--
0.22
0.5
V
IO=100mA
Load Regulation
REGLOAD
--
50
90
mV
5mA
≤Io ≤100mA, V
IN=13.5V
Line Regulation
REGLINE
--
5
30
mV
6V
≤V
IN
≤28V, I
O=1mA
Ripple Rejection
PSRR
--
68
--
dB
f =100Hz, VR= 0.5VPP
Output Capacitor
COUT
10
--
--
µF
ESR ≤ 4
Ω @ 10kHz
Note: Dropout voltage = VIN – VOUT
(Measured where VOUT has dropped 100mV from the nominal value obtained at VIN = 13.5V)


Número de pieza similar - TS4264GCW50_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4264GCW50RP TSC-TS4264GCW50RP Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results

Descripción similar - TS4264GCW50_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
   5V Ultra Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
   5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com