Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB2150 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

No. de pieza SB2150
Descripción Electrónicos  PLASTIC SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DACHANG [Rugao Dachang Electronics Co., Ltd]
Página de inicio  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SB2150 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SB2150 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SB2150 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB2150/SB2200
塑封肖特基二极管
2.0
50
0.5
10
35
SIYU R
SB2200
150
105
0.92
65
V
V
A
V
A
mA
/W
pF
单位
Unit
V
VR(RMS)
·正向压降低。
Low Forward Voltage Drop
最大正向平均整流电流
最大峰值反向电压
最大反向有效值电压
-55 --- +150
VRRM
IFM
·大电流承受能力。
High Current Capability
最大正向电压降
IF = 2.0A
VF
正向峰值浪涌电流 8.3mS单一正弦半波
IFSM
最大反向漏电流
IR
典型热阻
工作温度和存储温度
RθJA
Tj, TSTG
典型结电容
VR = 4.0V
f = 1.0MHz
Cj
TA = 25℃
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受5 磅 (2.3kg) 拉力。
5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子: 镀锡轴向引线
Terminals: Plated axial leads
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
特征
Features
PLASTIC SCHOTTKY
BARRIER RECTIFIER
Maximum repetitive peak reverse voltage
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum forward voltage
Peak forward surge current 8.3 ms single half sine-wave
Maximum reverse current
Typical thermal resistance
Operating junction and storage temperature range
Type junction capacitance
极限值和电参数
TA = 25℃ 除非另有规定。
Maximum Ratings & Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
VDC
150
大昌电子
DACHANG ELECTRONICS
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
DIA
DIA
.034(0.9)
.028(0.7)
DO-15
Unit:inch(mm)
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
TA = 100℃
SB2150
200
140
200
0.95


Número de pieza similar - SB2150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compact Technology Corp...
SB2150 CTC-SB2150 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
logo
DONGGUAN YOU FENG WEI E...
SB2150 YFWDIODE-SB2150 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SB2150 YIXIN-SB2150 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
SB2150 CTC-SB2150 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-15)
logo
Chongqing Pingwei Enter...
SB2150 CHONGQING-SB2150 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB2150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
20SQ020 DACHANG-20SQ020 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB320 DACHANG-SB320 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB2150 DACHANG-SB2150 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
20SQ020 DACHANG-20SQ020_15 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_15 Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
logo
Rugao Dachang Electroni...
SB120 DACHANG-SB120_15 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
SB220 DACHANG-SB220_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
1N5817 DACHANG-1N5817_15 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB220S VISHAY-SB220S_V01 Datasheet
75Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB220 VISHAY-SB220_V01 Datasheet
74Kb / 5P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
SB340-E3 VISHAY-SB340-E3 Datasheet
76Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com