Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS34119 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS34119
Descripción Electrónicos  Low Power Audio Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS34119 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS34119
Low Power Audio Amplifier
3/12
Version: B13
Electrical Specifications (Continue)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Amplifiers (DC Characteristics)
Output DC Level @
VO1,VO2
Vo
VCC=3V, RL=16 (Rf =75K)
1.0
1.15
1.25
Vdc
Vcc=6V, RL=16 (Rf =75K)
--
2.65
--
Vcc=12V, RL=16 (Rf =75K)
--
5.56
--
Output Level
VOH
Iout=-75mA, 2.0
≤ Vcc ≤ 16V
Vcc-1.0 (typ)
Vdc
VOL
Iout=75mA, 2.0
≤ Vcc ≤ 16V
--
0.16
--
Output DC Offset Voltage
(VO1 – VO2)
∆Vo
Vcc=6V, RL=75K
Ω, RL=32Ω
-30
0
+30
mV
Input Bias Current @ Vin
fIB
Vcc=6.0V
--
-100
-200
nA
Equivalent Resistance @
FC1
RFC1
Vcc=6.0V
100
150
220
K
Equivalent Resistance @
FC2
RFC2
18
25
40
Chip Disable (pin 1)
Input Voltage Low
VIL
--
--
0.8
Vdc
Input Voltage High
VIH
2.0
--
--
Power Supply
Power Supply Current
Icc
Vcc=3V, RL=
∞, CD=0.8V
--
2.7
4.0
mA
Vcc=16V, RL=
∞, CD=0.8V
--
3.3
5.0
Vcc=3V, RL=
∞, CD=2V
--
65
100
uA
Note: a. Currents into a pin are positive, currents out of a pin negative.
Typical Temperature Performance ( -20
oC < Ta < +70oC)
Function
Condition
Typical Change
Units
Input Bias Current
@ Vin
±40
Pa/
oC
Total Harmonic Distortion
Vcc=6V, RL=32
Ω, Po=120mW, f=1kHz
+0.003
%/
oC
Power Supply Current
Vcc=3V, RL=
∞, CD=0V
-2.5
uA/
oC
Vcc=3V, RL=
∞, CD=2V
-0.03


Número de pieza similar - TS34119

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119CA TSC-TS34119CA Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119CD TSC-TS34119CD Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119CD TSC-TS34119CD Datasheet
744Kb / 13P
   Low Power Audio Amplifier
More results

Descripción similar - TS34119

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com