Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC873 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSC873
Descripción Electrónicos  NPN Silicon Planar High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC873 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC873 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC873 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC873 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC873 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC873 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSC873
NPN Silicon Planar High Voltage Transistor
1/5
Version: C12
TO-92
SOT-223
PRODUCT SUMMARY
BVCBO
600V
BVCEO
400V
IC
1A
VCE(SAT)
0.5V @ IC / IB = 500mA / 100mA
Features
High BVceo, BVcbo
High current gain
Ordering Information
Part No.
Package
Packing
TSC873CT B0
TO-92
1Kpcs / Bulk
TSC873CT A3
TO-92
2Kpcs / Ammo
TSC873CW RPG
SOT-223
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Structure
Epitaxial Planar Type
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
600
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
1
A
Pulse
2
Total Power Dissipation @ TA=25
oC
TO-92
Ptot
1
W
SOT-223
1.2
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 100uA
BVCBO
600
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 100uA
BVEBO
9
--
--
V
Collector-Base Cutoff Current
VCB=600V
ICBO
--
--
100
uA
Collector-Emitter Cutoff Current
VCE = 400V
ICEO
--
--
1
mA
Emitter-Base Cutoff Current
VEB=8V
IEBO
--
--
100
uA
Collector-Emitter Saturation Voltage
IC = 500mA, IB = 100mA
VCE(SAT) 1
--
--
0.5
V
Collector-Emitter Saturation Voltage
IC = 1A, IB = 250mA
VCE(SAT) 2
--
--
1
V
Base-Emitter Saturation Voltage
IC = 500mA, IB = 100mA
VBE(SAT) 1
--
--
1
V
Base-Emitter Saturation Voltage
IC = 1A, IB = 250mA
VBE(SAT) 2
--
--
1.2
V
DC Current Transfer Ratio
VCE = 10V, IC = 250mA
hFE
80
--
--
Trun-on Time
Vcc=125V,Ic=1A,
IB1=IB2=200mA
TON
--
1
--
uS
Storage Time
TSTG
--
4
--
uS
Fall Time
TOFF
--
0.7
--
uS
Pin Definition:
1. Emitter
2. Collector
3. Base
Pin Definition:
1. Base
2. Collector
3. Emitter


Número de pieza similar - TSC873

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSC873CW TSC-TSC873CW Datasheet
490Kb / 5P
   NPN Silicon Planar High Voltage Transistor
More results

Descripción similar - TSC873

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
BSP19 ZETEX-BSP19 Datasheet
42Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX458 ZETEX-FCX458 Datasheet
18Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com