Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1711A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1711A
Descripción Electrónicos  SAW Filter 2395MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1711A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1711A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 2595 MHz (BW 50MHz) SMD 1.4X1.1 mm
TST Parts No.: TA1711A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Michael Yang
Approval by:
Bob
Date:
2014,03,19
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes


Número de pieza similar - TA1711A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
   SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
   169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
logo
Golledge Electronics Lt...
TA1715A GOLLEDGE-TA1715A Datasheet
151Kb / 7P
   SAW Filter 169.40MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1717A TAI-SAW-TA1717A Datasheet
214Kb / 8P
   SAW Filter 345 MHz
logo
Golledge Electronics Lt...
TA1717A GOLLEDGE-TA1717A Datasheet
126Kb / 7P
   SAW Filter 345.0MHz
More results

Descripción similar - TA1711A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com