Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1726A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1726A
Descripción Electrónicos  SAW Filter 942.5MHz 30.2MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1726A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1726A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1726A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 942.5MHz 30.2MHz BW SMD 1.4x1.1 mm
MODEL NO.: TA1726A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance :
ZL = 50 Ω
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
942.5
-
Insertion Loss within 927.4 ~ 957.6 MHz
dB
-
1.9
2.5
Amplitude Ripple within 927.4 ~ 957.6 MHz
dBp-p
-
0.8
1.5
Input VSWR within 927.4 ~ 957.6 MHz
-
-
2.0
2.5
Output VSWR within 927.4 ~ 957.6 MHz
-
-
2.0
2.5
Attenuation:
DC ~ 880.0 MHz
dB
50
62
-
880.0 ~ 912.6 MHz
dB
46
53
-
980.0 ~ 1025.0 MHz
dB
22
26
-
1025.0 ~ 2880.0 MHz
dB
33
42
-
2880.0 ~ 4000.0 MHz
dB
34
46
-
4000.0 ~ 6000.0 MHz
dB
8
19
-
Notes : (1) No Matching Network .
RoHS Compliant
Lead free
Lead-free soldering
E
lectrostatic Sensitive Device (ESD)


Número de pieza similar - TA1726A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1726A TAI-SAW-TA1726A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1726A GOLLEDGE-TA1726A Datasheet
206Kb / 7P
   SAW Filter 942.50MHz
More results

Descripción similar - TA1726A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1726B TAI-SAW-TA1726B Datasheet
486Kb / 8P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1411 (30.2MHz BW)
TA2433A TAI-SAW-TA2433A Datasheet
396Kb / 7P
   SAW Filter 942.5MHz SMD 3.0횞3.0 mm (BW=35MHz)
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com