Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW61DLT1 Datasheet(PDF) 6 Page - Leshan Radio Company

No. de pieza BCW61DLT1
Descripción Electrónicos  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW61DLT1 Datasheet(HTML) 6 Page - Leshan Radio Company

  BCW61DLT1 Datasheet HTML 1Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 2Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 3Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 4Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 5Page - Leshan Radio Company BCW61DLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M10–6/6
T
J , JUNCTION TEMPERATURE (°C)
Figure 15. Typical Collector Leakage Current
V
CC = 30 V
104
103
102
101
100
10–1
10–2
–4
–2
0
+20
+40
+60
+80
+100
+120
+140
+160
I
CBO
AND
I
CEX @ V BE(off) = 3.0 V
I
CEO
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by the
model as shown in Figure 15. Using the model and the device
thermal response the normalized effective transient thermal re-
sistance of Figure 14 was calculated for various duty cycles.
To find Z θ
JA(t) , multiply the value obtained from Figure 14 by
the steady state value R θ
JA .
Example:
The MPS3905 is dissipating 2.0 watts peak under the follow-
ing conditions:
t
1 = 1.0 ms, t 2 = 5.0 ms. (D = 0.2)
Using Figure 14 at a pulse width of 1.0 ms and D = 0.2, the
reading of r(t) is 0.22.
The peak rise in junction temperature is therefore
∆T = r(t) x P
(pk) x R
θJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see AN–569.
BCW61BLT1 BCW61CLT1 BCW61DLT1


Número de pieza similar - BCW61DLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BCW61DLT1 MOTOROLA-BCW61DLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
More results

Descripción similar - BCW61DLT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com