Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMMT494 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza FMMT494
Descripción Electrónicos  120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT494 Datasheet(HTML) 5 Page - Diodes Incorporated

  FMMT494_15 Datasheet HTML 1Page - Diodes Incorporated FMMT494_15 Datasheet HTML 2Page - Diodes Incorporated FMMT494_15 Datasheet HTML 3Page - Diodes Incorporated FMMT494_15 Datasheet HTML 4Page - Diodes Incorporated FMMT494_15 Datasheet HTML 5Page - Diodes Incorporated FMMT494_15 Datasheet HTML 6Page - Diodes Incorporated FMMT494_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FMMT494
Document number: DS33095 Rev. 4 - 2
5 of 7
www.diodes.com
October 2012
© Diodes Incorporated
FMMT494
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Número de pieza similar - FMMT494_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT494 DIODES-FMMT494_17 Datasheet
386Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Descripción similar - FMMT494_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_12 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT493A DIODES-FMMT493A_18 Datasheet
457Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com