Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMMTA42 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza FMMTA42
Descripción Electrónicos  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA42 Datasheet(HTML) 5 Page - Diodes Incorporated

  FMMTA42_15 Datasheet HTML 1Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 2Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 3Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 4Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 5Page - Diodes Incorporated FMMTA42_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FMMTA42
Datasheet Number: DS33126 Rev.7 - 2
5 of 6
www.diodes.com
July 2012
© Diodes Incorporated
FMMTA42
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11

-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Número de pieza similar - FMMTA42_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
   FMMTA42 SOT23 NPN Silicon planar high voltage transistor
More results

Descripción similar - FMMTA42_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
   500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT458 DIODES-FMMT458_15 Datasheet
429Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
   500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT416 DIODES-FMMT416 Datasheet
634Kb / 5P
   NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
July 2019
AMBTA92Q DIODES-AMBTA92Q Datasheet
370Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
May 2018 Rev. 1 - 2
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
   300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com