Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STG2454 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

No. de pieza STG2454
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG2454 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STG2454 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG2454 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STG2454
Ver 1.1
www.samhop.com.tw
Aug,24,2012
3
Tj( °
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance Variation with Drain
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
and Gate Voltage
Current and Temperature
with Temperature
with Temperature
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS=1.5 V
VGS=4.0V
V GS=2V
VGS=2.5V
15
12
9
6
3
0
0
0.4
2.4
2.0
1.6
1.2
0.8
Tj=125 C
25 C
-55 C
36
30
24
18
12
6
1
1
VGS =2.5V
VGS =4.0V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
75
25
50
125
150
V GS =4.0V
ID=7A
V GS =2.5V
ID=6A
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
V DS =V GS
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
1.20
125 150
100
75
50
25
0
-25
-50
I D=250uA
510
15
20
25


Número de pieza similar - STG2454

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STG200G65FD8AG STMICROELECTRONICS-STG200G65FD8AG Datasheet
505Kb / 11P
   Automotive-grade trench gate field-stop 650 V, 200 A, high-efficiency M series IGBT die in D8 packing
Rev 1 - July 2023
STG200M65F2D8AG STMICROELECTRONICS-STG200M65F2D8AG Datasheet
292Kb / 11P
   Automotive-grade 650 V, 200 A trench gate field-stop M series low-loss IGBT die in D8 packing
May 2021 Rev 4
logo
SamHop Microelectronics...
STG2017 SAMHOP-STG2017 Datasheet
651Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG2507 SAMHOP-STG2507 Datasheet
649Kb / 7P
   Dual P-Channel E nhancement Mode Field Effect Transistor
logo
STMicroelectronics
STG25H120F2D7 STMICROELECTRONICS-STG25H120F2D7 Datasheet
252Kb / 10P
   1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
May 2015 Rev 1
More results

Descripción similar - STG2454

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com