Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC2400UV-13 Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza DMC2400UV-13
Descripción Electrónicos  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2400UV-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DMC2400UV-13 Datasheet HTML 2Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 3Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 4Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 5Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 6Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 7Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 8Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 9Page - Diodes Incorporated DMC2400UV-13 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DMC2400UV
Document number: DS35537 Rev. 7 - 2
7 of 10
www.diodes.com
June 2013
© Diodes Incorporated
DMC2400UV
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-I , DRAIN SOURCE CURRENT
Fig. 15 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V= 2.5V
GS
-
V
= -4.5V
GS
V= 1.8V
GS
-
0.01
0.1
1
10
-I , DRAIN SOURCE CURRENT (A)
Fig. 16 Typical On-Resistance vs.
Drain Current and Temperature
D
T = 150°C
A
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 17 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 18 On-Resistance vs.Temperature
0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1.0
-50
-25
02550
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
Fig. 19 Gate Threshold Variation vs. Ambient Temperature
J
I= 250A
D
I= 300A
D
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-V , SOURCE-DRAIN VOLTAGE (V)
Fig. 20 Diode Forward Voltage vs. Current
SD
0
0.2
0.4
0.6
0.8
1.0
T= 25 C
A


Número de pieza similar - DMC2400UV-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC2400UV-13 DIODES-DMC2400UV-13 Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMC2400UV-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com