Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC4028SSD Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza DMC4028SSD
Descripción Electrónicos  40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4028SSD Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DMC4028SSD_15 Datasheet HTML 3Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 4Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 5Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 6Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 7Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 8Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 9Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 10Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DMC4028SSD
Document Number: D35041 Rev: 2 - 2
7 of 11
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4028SSD
Electrical Characteristics – Q2 P-Channel (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-40
V
ID = -250 µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-0.5
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
-3.0
V
ID = -250 µA, VDS = VGS
Static Drain-Source On-Resistance (Note 12)
RDS(ON)
0.039
0.050
VGS = -10V, ID = -6A
0.060
0.079
VGS = -4.5V, ID = -5A
Forward Transconductance (Notes 12 & 13)
gfs
16.6
S
VDS = -15V, ID = -6A
Diode Forward Voltage (Note 13)
VSD
-0.865
-1.1
V
IS = -6A, VGS = 0V
Reverse Recovery Time (Note 13)
trr
138
ns
IS = -6A, di/dt = 100A/µs
Reverse Recovery Charge (Note 13)
Qrr
841
nC
DYNAMIC CHARACTERISTICS (Note 13)
Input Capacitance
Ciss
674
pF
VDS = -20V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
115
pF
Reverse Transfer Capacitance
Crss
67.7
pF
Total Gate Charge (Note 14)
Qg
7.0
nC
VGS = -4.5V
VDS = -20V
ID = -6A
Total Gate Charge (Note 14)
Qg
14
nC
VGS = -10V
Gate-Source Charge (Note 14)
Qgs
2.2
nC
Gate-Drain Charge (Note 14)
Qgd
3.7
nC
Turn-On Delay Time (Note 14)
tD(on)
2.3
ns
VDD = -20V, VGS = -10V
ID = -6A, RG  6.0
Turn-On Rise Time (Note 14)
tr
14.1
ns
Turn-Off Delay Time (Note 14)
tD(off)
25.1
ns
Turn-Off Fall Time (Note 14)
tf
14.3
ns
Notes:
12. Measured under pulsed conditions. Pulse width
 300µs; duty cycle  2%
13. For design aid only, not subject to production testing.
14. Switching characteristics are independent of operating junction temperatures.


Número de pieza similar - DMC4028SSD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
More results

Descripción similar - DMC4028SSD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
   40V Complementary Enhancement Mode MOSFET
VER 1.2
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSDQ DIODES-DMC4050SSDQ Datasheet
450Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com