Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMG2305UX-13 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DMG2305UX-13 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 5 page DMG2305UX Document number: DS36196 Rev. 4 - 2 1 of 5 www.diodes.com April 2015 © Diodes Incorporated DMG2305UX P-CHANNEL ENHANCEMENT MODE MOSFET Product Summary V(BR)DSS RDS(ON) max Package ID TA = +25°C -20V 52m Ω @VGS = -4.5V SOT23 -5.0A 100mΩ @VGS = -2.5V -3.6A Description This MOSFET has been designed to minimize the on-state resistance (RDS(ON)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications. Applications Backlighting Power Management Functions DC-DC Converters Motor Control Features Low On-Resistance Low Input Capacitance Fast Switching Speed Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 standards for High Reliability Mechanical Data Case: SOT23 Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish — Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminals Connections: See Diagram Below Weight: 0.008 grams (approximate) Ordering Information (Note 4) Part Number Compliance Case Packaging DMG2305UX-7 Standard SOT23 3000/Tape & Reel DMG2305UX-13 Standard SOT23 10000/Tape & Reel Notes: 1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information Date Code Key Year 2009 2010 2011 2012 2013 2014 2015 Code W X Y Z A B C Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D e3 D G S Top View S o u r c e G a te D r a in Internal Schematic Top View 23X = Product Type Marking Code YM = Date Code Marking Y = Year (ex: W = 2009) M = Month (ex: 9 = September) 23X |
Número de pieza similar - DMG2305UX-13 |
|
Descripción similar - DMG2305UX-13 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |