Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG6602SVTQ-13 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza DMG6602SVTQ-13
Descripción Electrónicos  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG6602SVTQ-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMG6602SVTQ-13 Datasheet HTML 1Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 2Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 3Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 4Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 5Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 6Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 7Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 8Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DMG6602SVTQ
Document number: DS37643 Rev. 1 - 2
5 of 10
www.diodes.com
December 2014
© Diodes Incorporated
DMG6602SVTQ
f = 1MHz
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
C
Ave (pF)
RSS
10
100
1000
0
5
10
15
20
25
30
C
Ave (pF)
ISS
C
Ave (pF)
OSS
0
2
4
6
8
10
0
2
4
6
8
10
V
= 10V
I = 3.0A
DS
D
Q
(nC)
g, TOTAL GATE CHARGE
Fig. 10 Gate Charge
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 11 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
T
= 150°C
T = 25°C
J(max)
A
V
= 10V
Single Pulse
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W


Número de pieza similar - DMG6602SVTQ-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG6602SVTQ DIODES-DMG6602SVTQ Datasheet
561Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMG6602SVTQ-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com