Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STUD610S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza STUD610S
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD610S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD610S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD610S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STU/D610S
Ver 1.0
www.samhop.com.tw
Apr,30,2010
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
10
1
Ciss
Coss
Crss
600
500
400
300
200
100
0
10
15
20
25
30
0
5
600
500
400
300
200
100
0
24
6
8
10
0
ID=9.5A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.3
0.6
0.9
1.2
1.5
5.0
25 C
75 C
125 C
10
8
6
4
2
0
VDS=30V
ID=9.5A
01
2
3
45
6
7
8
110
100
1
10
100
VDS=30V,ID=1A
VGS=10V
Tf
TD(on)
Tr
TD(off )
VGS=10V
Single Pulse
TA=25 C
100us


Número de pieza similar - STUD610S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STUD616S SAMHOP-STUD616S Datasheet
132Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD618S SAMHOP-STUD618S Datasheet
128Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Descripción similar - STUD610S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com