Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GZ23C5V6 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza GZ23C5V6
Descripción Electrónicos  DUAL SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GZ23C5V6 Datasheet(HTML) 1 Page - Diodes Incorporated

  GZ23C5V6_15 Datasheet HTML 1Page - Diodes Incorporated GZ23C5V6_15 Datasheet HTML 2Page - Diodes Incorporated GZ23C5V6_15 Datasheet HTML 3Page - Diodes Incorporated GZ23C5V6_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GZ23C5V6
Document number: DS36065 Rev. 5 - 2
1 of 4
www.diodes.com
July 2014
© Diodes Incorporated
GZ23C5V6
DUAL SURFACE MOUNT ZENER DIODE
Features
Dual Zeners in Common Anode Configuration
Low Capacitance (15pF typical)
Ideally Suited for Automated Insertion
Δ VZ For Both Diodes in One Case is ≤ 5%
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Approximate Weight: 0.008 grams
Ordering Information (Note 4)
Part Number
Case
Packaging
GZ23C5V6-7
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2012
2013
2014
2015
2016
2017
2018
Code
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Device Schematic
1U1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Z = 2012)
M = Month (ex: 9 = September)
Top View
SOT23
1U1
1
3
2


Número de pieza similar - GZ23C5V6_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
GZ23C5V6-7 DIODES-GZ23C5V6-7 Datasheet
292Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
More results

Descripción similar - GZ23C5V6_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3 Datasheet
109Kb / 3P
   DUAL SURFACE MOUNT ZENER DIODE
GZ23C5V6 DIODES-GZ23C5V6 Datasheet
292Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
DZ23C2V7 TSC-DZ23C2V7 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3_15 Datasheet
109Kb / 3P
   DUAL SURFACE MOUNT ZENER DIODE
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com