Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3053A Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza 2N3053A
Descripción Electrónicos  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3053A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3053A Datasheet HTML 1Page - Central Semiconductor Corp 2N3053A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3053
2N3053A
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3053, 2N3053A
types are epitaxial planar NPN silicon transistors
designed for general purpose applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
2N3053
2N3053A
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
0.7
A
Power Dissipation (TC=25°C)
PD
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
35
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N3053
2N3053A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=30V, VEB=1.5V
-
250
-
-
nA
ICEV
VCE=60V, VEB=1.5V
-
-
-
250
nA
IEBO
VEB=4.0V
-
250
-
250
nA
BVCBO
IC=100μA
60
-
80
-
V
BVCER
IC=100mA, RBE=10Ω (Note 1)
50
-
70
-
V
BVCEO
IC=100mA (Note 1)
40
-
60
-
V
BVEBO
IE=100μA
5.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
1.4
-
0.3
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.7
0.6
1.0
V
VBE(ON)
VCE=2.5V, IC=150mA
-
1.7
-
1.0
V
hFE
VCE=2.5V, IC=150mA
25
-
25
-
hFE
VCE=10V, IC=150mA
50
250
50
250
fT
VCE=10V, IC=50mA, f=100MHz
100
-
100
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
15
-
15
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
-
80
-
80
pF
Notes: (1) Pulse width < 300μs, duty cycle < 2%.
TO-39 CASE
R2 (13-December 2013)
www.centr a lsemi.com


Número de pieza similar - 2N3053A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3053A BOCA-2N3053A Datasheet
42Kb / 1P
   GENERAL PURPOSE TRANSISTOR(NPN SILICON)
logo
List of Unclassifed Man...
2N3053A ETC-2N3053A Datasheet
143Kb / 4P
   GENERAL PURPOSE MEDIUM POWER SILICON NPN PLANAR TRASISTORS
logo
Seme LAB
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
Continental Device Indi...
2N3053A CDIL-2N3053A Datasheet
75Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
logo
American Microsemicondu...
2N3053A AMMSEMI-2N3053A Datasheet
260Kb / 1P
   Technical Specifications
More results

Descripción similar - 2N3053A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com