Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIC01M-5LENS Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

No. de pieza SIC01M-5LENS
Descripción Electrónicos  ptb tested high chip stability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROITHNER [Roithner LaserTechnik GmbH]
Página de inicio  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SIC01M-5LENS Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  SIC01M-5LENS Datasheet HTML 1Page - Roithner LaserTechnik GmbH SIC01M-5LENS Datasheet HTML 2Page - Roithner LaserTechnik GmbH SIC01M-5LENS Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Performance Characteristics
Normalized Spectral Responsivity [a.u.]
Viewing Angle
Product Portfolio
We offer the following selection of UV Photodiodes:
Option
UV sensitivity
Detector area
Max. spectral responsivity
min.
max.
SIC01S-18
UV broadband
0.06 mm
2
0.085 AW
-1
0.13 AW
-1
SIC01S-C18
UVC
0.06 mm
2
0.066 AW
-1
0.10 AW
-1
SIC01S-C5
UVC
0.06 mm
2
0.066 AW
-1
0.10 AW
-1
SIC01S-18ISO90
UV broadband
0.06 mm
2
0.085 AW
-1
0.13 AW
-1
SIC01M-18
UV broadband
0.2 mm
2
0.085 AW
-1
0.13 AW
-1
SIC01M-5Lens
UV broadband
0.2 mm
2
0.085 AW
-1
0.13 AW
-1
SIC01M-C5
UVC
0.2 mm
2
0.066 AW
-1
0.10 AW
-1
SIC01L-18
UV broadband
1.0 mm
2
0.085 AW
-1
0.13 AW
-1
SIC01L-5
UV broadband
1.0 mm
2
0.085 AW
-1
0.13 AW
-1
SIC01L-C5
UVC
1.0 mm
2
0.066 AW
-1
0.10 AW
-1
SIC01XL-5
UV broadband
4.0 mm
2
0.085 AW
-1
0.13 AW
-1
Amplified photodiodes (TIAMO series) are also available.
Measurement Setup
lamp aperture diameter: 10 mm
distance lamp aperture to second aperture: 17 mm
second aperture diameter: 10 mm
distance second aperture to detector: 93 mm
pivot level = top surface of the photodiode window


Número de pieza similar - SIC01M-5LENS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
SIC01M-18 ROITHNER-SIC01M-18 Datasheet
681Kb / 3P
   ptb tested high chip stability
More results

Descripción similar - SIC01M-5LENS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
SIC01S-18ISO90 ROITHNER-SIC01S-18ISO90 Datasheet
700Kb / 3P
   ptb tested high chip stability
SIC01S-C18 ROITHNER-SIC01S-C18 Datasheet
686Kb / 3P
   ptb tested high chip stability
SIC01L-18 ROITHNER-SIC01L-18 Datasheet
676Kb / 3P
   ptb tested high chip stability
SIC01L-5 ROITHNER-SIC01L-5 Datasheet
684Kb / 3P
   ptb tested high chip stability
SIC01M-18 ROITHNER-SIC01M-18 Datasheet
681Kb / 3P
   ptb tested high chip stability
SIC01S-B18 ROITHNER-SIC01S-B18 Datasheet
827Kb / 3P
   ptb tested high chip stability
SIC01L-C5 ROITHNER-SIC01L-C5 Datasheet
690Kb / 3P
   ptb tested high chip stability
SIC01S-18 ROITHNER-SIC01S-18 Datasheet
683Kb / 3P
   ptb tested high chip stability
SIC01XL-5 ROITHNER-SIC01XL-5 Datasheet
690Kb / 3P
   ptb tested high chip stability
logo
Vishay Siliconix
TNPW12061K32DETA VISHAY-TNPW12061K32DETA Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com