Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA66 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza SMA66
Descripción Electrónicos  10 TO 1200 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA66 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA66 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH GAIN - TWO STAGES: 23.5 dB (TYP.)
· LOW NOISE: <3.8 dB (TYP.)
· HIGH OUTPUT LEVEL: +15.0 dBm (TYP.)
· WIDE POWER SUPPLY RANGE: 5 TO 15 VOLTS
A66/SMA66
10 TO 1200 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-1.3 GHz
23.5 dB
±0.3 dB
32 dB
4.0 dB
15.0 dBm
+28 dBm
+40 dBm
+45 dBm
1.5:1 / 1.5:1
64 mA
0.0-1.2 GHz
22.0 dB
±0.7 dB
13.5 dBm
5.0 dB
14.0 dBm
2.0:1 / 2.0:1
70 mA
1.9:1 / 1.9:1
67 mA
0.0-1.2 GHz
21.0 dB
±1.0 dB
5.5 dB
-62° to +125°C
125°C
+17 Volts
+10 dBm
100 mW
0.5 W
125°C
145°C/W
0.405 W
59°C
A66
SMA66
CA66


Número de pieza similar - SMA66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SMA66 MACOM-SMA66 Datasheet
380Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA66 MA-COM-SMA66 Datasheet
647Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
SMA66-1 MACOM-SMA66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
SMA66-1 MACOM-SMA66-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
   Fully integrated GPS LNA IC
More results

Descripción similar - SMA66

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
110Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A64 MA-COM-A64 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com