Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXL02TG3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza CXL02TG3
Descripción Electrónicos  HIGH PERFORMANCE ACCELEROMETER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CXL02TG3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CXL02TG3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CXL02TG3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 408.964.9700
Fax: 408.854.7702
E-mail: infoca@memsic.com
www .memsic.co m
The TG-Series 3-Axis accelerometers are high
performance ±2g and ±10g sensors, featuring
precision three-layer silicon differential capacitive
MEMS sensing elements that provide ultra low
noise and excellent stability. The TG-Series sensors
are fully signal conditioned and factory calibrated.
The single-ended high level analog outputs do not
require external signal conditioning and are easy to
interface to standard data acquisition systems.
Features
Range: ±2g or ±10g
High Stability
Low Noise: 20µg/
√Hz
Low Power <10mW
Internal Temperature Sensor
Applications
Platform Leveling
Automotive Testing
Seismic Instrumentation
The TG-Series operates on a single DC supply from 3.3 V to 5.5 V
and includes a high performance integrated temperature sensor
for additional accuracy under extreme temperature applications.
The typical current consumption of 1.5mA makes this triaxial
device attractive for battery operated systems.The sensor is packaged
in an industrial anodized aluminum package that is moisture
resistant and rugged for industrial and automotive applications.
CXLTG-Series
HIGH PERFORMANCE ACCELEROMETER
Platform Leveling
Automotive Testing
3.3-5.5 VDC @ <2mA
TG Series
Analog x 3
X, Y, Z Acceleration
Analog
Temperature
Powerful Sensing Solutions for a Better Life


Número de pieza similar - CXL02TG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Willow Technologies Ltd
CXL02TG3 WILLOW-CXL02TG3 Datasheet
391Kb / 2P
   High Stability
More results

Descripción similar - CXL02TG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL288 AD-ADXL288 Datasheet
76Kb / 2P
   High Performance, Dual-Axis Digital Output Accelerometer
Rev. Sp0
logo
STMicroelectronics
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
   High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Murata Manufacturing Co...
SCA1000 MURATA-SCA1000 Datasheet
523Kb / 14P
   SCA1000-N1000070 2-AXIS HIGH PERFORMANCE ANALOG ACCELEROMETER
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
STMicroelectronics
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com