Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2268G-M Datasheet(PDF) 6 Page - Rohm

No. de pieza BD2268G-M
Descripción Electrónicos  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD2268G-M Datasheet(HTML) 6 Page - Rohm

Back Button BD2268G-M Datasheet HTML 2Page - Rohm BD2268G-M Datasheet HTML 3Page - Rohm BD2268G-M Datasheet HTML 4Page - Rohm BD2268G-M Datasheet HTML 5Page - Rohm BD2268G-M Datasheet HTML 6Page - Rohm BD2268G-M Datasheet HTML 7Page - Rohm BD2268G-M Datasheet HTML 8Page - Rohm BD2268G-M Datasheet HTML 9Page - Rohm BD2268G-M Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/23
BD2268G-M
BD2269G-M
Datasheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
15
001
TSZ02201-0R5R0H300120-1-2
24.Feb.2014 Rev.001
Typical Performance Curves
Figure 4. Operating Current vs Supply Voltage
(EN, /EN Enable)
0
20
40
60
80
100
120
140
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 5. Operating Current vs Ambient Temperature
(EN, /EN Enable)
0
20
40
60
80
100
120
140
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
]
VIN=5.0V
Figure 6. Standby Current vs Supply Voltage
(EN, /EN Disable)
0.0
0.2
0.4
0.6
0.8
1.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 7. Standby Current vs Ambient Temperature
(EN, /EN Disable)
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
℃ ]
VIN=5.0V
Ambient Temperature: Ta [°C]
Supply Voltage: VIN [V]
Ambient Temperature: Ta [°C]
Supply Voltage: VIN [V]


Número de pieza similar - BD2268G-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BD226 ISC-BD226 Datasheet
109Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD226 NJSEMI-BD226 Datasheet
134Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD22621G-M ROHM-BD22621G-M Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD22621G-MTR ROHM-BD22621G-MTR Datasheet
1Mb / 26P
   0.3A Current Limit High Side Switch ICs
2.Nov.2016 Rev.001
BD2262G-M ROHM-BD2262G-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results

Descripción similar - BD2268G-M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com