Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X150FG Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

No. de pieza X150FG
Descripción Electrónicos  High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VMI [Voltage Multipliers Inc.]
Página de inicio  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X150FG Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  X150FG Datasheet HTML 1Page - Voltage Multipliers Inc. X150FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
3
0
2
4
6
8
10
12
0
0.5
1
1.5
2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
25
50
75
100
125
150
0
50
100
150
200
250
300
350
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
Reverse Bias Voltage (V)
Temperature (°C)
Forward Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
X25FG X50FG X100FG X150FG X200FG
L=0.200"
L=0.100"
L=0.000"
L=0.300"
L=0.400"
L=0.500"
X150FG
X25FG
X50FG
X100FG
X200FG
X25FG
X50FG
X100FG
X150FG
X150FG


Número de pieza similar - X150FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
X150FG ETC1-X150FG Datasheet
56Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED
logo
Voltage Multipliers Inc...
X150FG VMI-X150FG Datasheet
93Kb / 2P
   15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
X150FG NJSEMI-X150FG Datasheet
98Kb / 2P
   HIGH VOLTAGE RECTIFIERS
X150FG NJSEMI-X150FG Datasheet
98Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results

Descripción similar - X150FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
X25SG VMI-X25SG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic
1N6529 VMI-1N6529_13 Datasheet
150Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??70ns ??Hermetic ??JANTX ??JANTXV
M25FG VMI-M25FG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
Z25FG VMI-Z25FG_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??200ns ??Hermetic
M25SG VMI-M25SG_13 Datasheet
98Kb / 2P
   High Voltage Diodes - Axial Lead 10mA - 100mA ??3000ns ??Hermetic
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
Z25UFG VMI-Z25UFG_13 Datasheet
98Kb / 2P
   High Voltage Diodes - Axial Lead 300mA - 1500mA ??100ns ??Hermetic
K25F VMI-K25F_13 Datasheet
139Kb / 2P
   High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
Z20FF3 VMI-Z20FF3_13 Datasheet
97Kb / 2P
   High Voltage Diodes - Axial Lead 180mA - 1000mA ??30ns - 50ns ??Hermetic
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com