Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU26156RFS Datasheet(PDF) 7 Page - Rohm

No. de pieza BU26156RFS
Descripción Electrónicos  Monoraul MIC Input with ALC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU26156RFS Datasheet(HTML) 7 Page - Rohm

Back Button BU26156RFS Datasheet HTML 3Page - Rohm BU26156RFS Datasheet HTML 4Page - Rohm BU26156RFS Datasheet HTML 5Page - Rohm BU26156RFS Datasheet HTML 6Page - Rohm BU26156RFS Datasheet HTML 7Page - Rohm BU26156RFS Datasheet HTML 8Page - Rohm BU26156RFS Datasheet HTML 9Page - Rohm BU26156RFS Datasheet HTML 10Page - Rohm BU26156RFS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
Datasheet
Datasheet
7/92
BU26156RFS
TSZ02201-0V1V0E502570-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
Jul.1.2014 Rev.001
www.rohm.co.jp
TSZ22111・15・001
HPVDD
IDDO3HP
-
0.03
0.1
mA
IOVDD
IDDO3IO
-
0.03
0.1
mA
Operating Current 4, MicIN
→linemix→ADC ( fs48kHz, Sin1kHz-Full Scale input, Micbias Enable, Mic ALC off, Sound Effect
off )
HVDD1
IDDO4H1
fs48kHz, No signal
input,,
Micbias Enable,
Mic ALC off,
Sound Effect off
-
12.3
16.9
mA
SPLVDD+SPR
VDD
IDDO4SP
-
0.02
0.1
mA
HPVDD
IDDO4HP
-
0.03
0.1
mA
IOVDD
IDDO4IO
-
0.03
0.1
mA
Operating Current 5, LineIn
→llinemix→ADC ( fs48kHz, Sin1kHz-Full Scale input, LineALC off, Sound Effect off )
HVDD1
IDDO5H1
fs48kHz, No signal
input,
Line ALC off,
Sound Effect off
-
11.2
13.8
mA
SPLVDD+SPR
VDD
IDDO5SP
-
0.02
0.1
mA
HPVDD
IDDO5HP
-
0.03
0.1
mA
IOVDD
IDDO5IO
-
0.03
0.1
mA
Operating Power
(ALL GND terminals=0V, IOVDD=3.3V, HVDD1=3.3V, SPLVDD=SPRVDD=5.0V, HPVDD=3.3V, Ta=25°C)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Regulator Output
REGOUT Output Level
VREGOUT
-
1.7
1.8
1.9
V
BEEP Input
Full Scale Input Signal Level
VBINFS
-
-
-
1
Vpp
Line Input ( RLIN=22 kΩ / Line Gain=-9dB / Digital Volume=0.0dB / Line ALC=OFF )
Full Scale Input Signal Level
VLINFS
LIN1L, LIN2L,
LIN3L, LIN1R,
LIN2R, LIN3R
-
-
2.0
Vrms
Mic Input (MIC Gain=20.25dB / Digital Volume=0.0dB / Mic ALC=OFF)
Full Scale Input Signal Level
VMINFS1
MINP,MINM
-
-
0.124
Vp-p
Input Resistance
RMIN1
MINP,MINM
20
30
40
k
Mic Input (MIC Gain=9.0dB / Digital Volume=0.0dB / Mic ALC=OFF)
Full Scale Input Signal Level
VMINFS2
MINP,MINM
-
-
0.454
Vp-p
Input Resistance
RMIN2
MINP,MINM
20
30
40
k
Analog Reference Level(VMID-pin)
Analog Reference Voltage
VREF
-
0.9x
REGOUT/2
1.0x
REGOUT/2
1.1x
REGOUT/2
V
Microphone Bias(MICBIAS-pin)
Output Voltage
(VMIC<HVDD1*0.85)
VMIC
IMIC = -2mA,
MICBCON=0
1.51x
REGOUT/2
1.67x
REGOUT/2
1.83x
REGOUT/2
V
IMIC = -2mA,
MICBCON=1
2.00x
REGOUT/2
2.22x
REGOUT/2
2.44x
REGOUT/2
V
IMIC = -2mA,
MICBCON=2
2.51x
REGOUT/2
2.78x
REGOUT/2
3.05x
REGOUT/2
V
IMIC = -2mA,
MICBCON=3
3.00x
REGOUT/2
3.33x
REGOUT/2
3.66x
REGOUT/2
V
Output Current
IMIC
-
-
-
2
mA
(HGND1=0V, IOVDD=3.3V, HVDD1=3.3V, SPLVDD=SPRVDD=5.0V, HPVDD=3.3V, Ta=25°C, 1kHz signal, fs=48kHz)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Analog Line Input to ADC out (RLIN=22kΩ/ Line Gain=0dB / LineMix Gain = 0dB / Digital Volume=0.0dB / Line ALC=OFF)
S/(N+D)
SND1
-1dBFS/ A-weighted
-
81
-
dB
S/N
SNR1
A-weighted
-
93
-
dB


Número de pieza similar - BU26156RFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2615 ROHM-BU2615 Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
More results

Descripción similar - BU26156RFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com