Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU26156RFS Datasheet(PDF) 1 Page - Rohm

No. de pieza BU26156RFS
Descripción Electrónicos  Monoraul MIC Input with ALC
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU26156RFS Datasheet(HTML) 1 Page - Rohm

  BU26156RFS Datasheet HTML 1Page - Rohm BU26156RFS Datasheet HTML 2Page - Rohm BU26156RFS Datasheet HTML 3Page - Rohm BU26156RFS Datasheet HTML 4Page - Rohm BU26156RFS Datasheet HTML 5Page - Rohm BU26156RFS Datasheet HTML 6Page - Rohm BU26156RFS Datasheet HTML 7Page - Rohm BU26156RFS Datasheet HTML 8Page - Rohm BU26156RFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/92
TSZ02201-0V1V0E502570-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
Jul.1.2014 Rev.001
www.rohm.co.jp
TSZ22111・14・001
Datasheet
24bit Audio CODEC series
3W+3W Class AB/D Speaker AMP
Stereo Audio CODEC
BU26156RFS
General Description
BU26156RFS is Low Power Stereo Audio CODECs with
built-in various acoustic effects. BU26156RFS has stereo
line and monaural mic inputs that can input to 2Vrms,
stereo speaker amplifier that can change Class AB / D
and stereo Headphone Outputs.BU26156 also has
built-in voltage regulator for the stability of CODEC
characteristic that is sensitive to the outside noise.
Features
 24bit Stereo ADC, DAC
 2Vrms Input available, Stereo Line Input with ALC
 Monoraul MIC Input with ALC
 Switch Class AB/D 3W Stereo Speaker Amplifier
 AM Avoidance Function
 Stereo Headphone Output Amplifier
 Digital signal processing
 High Power Supply Rejection Ratio characteristic
Applications
 Radio cassette recorder
 PC Speaker
Important Characteristic
 Supply Voltage
SPLVDD,SPRVDD:
2.7V to 5.5V
HVDD1:
2.7V to 3.6V
HPVDD:
2.7V to 3.6V
IOVDD:
1.65V to 5.5V
 Mic-ADC SNR:
87[dB](Typ.)
 Line-ADC SNR:
93[dB](Typ.)
 DAC-SP SNR:
86[dB](Typ.)
 DAC-LOUT SNR:
95[dB](Typ.)
 Operating Temperature:
-20℃ to +85℃
Package
W(Typ.) x D(Typ.) x H(Max.)
HTSSOP-A44R
18.50mm x 9.50mm x 1.00mm
Figure 1. HTSSOP-A44R
Basic Block Diagram
Figure 2.


Número de pieza similar - BU26156RFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2615 ROHM-BU2615 Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 89P
   High PSRR is attained by built-in regulator
BU26154MUV ROHM-BU26154MUV Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV-E2 ROHM-BU26154MUV-E2 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
More results

Descripción similar - BU26156RFS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com