Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU97530KVT Datasheet(PDF) 6 Page - Rohm

No. de pieza BU97530KVT
Descripción Electrónicos  Built-in OSC circuit
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU97530KVT Datasheet(HTML) 6 Page - Rohm

Back Button BU97530KVT Datasheet HTML 2Page - Rohm BU97530KVT Datasheet HTML 3Page - Rohm BU97530KVT Datasheet HTML 4Page - Rohm BU97530KVT Datasheet HTML 5Page - Rohm BU97530KVT Datasheet HTML 6Page - Rohm BU97530KVT Datasheet HTML 7Page - Rohm BU97530KVT Datasheet HTML 8Page - Rohm BU97530KVT Datasheet HTML 9Page - Rohm BU97530KVT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6/56
Datasheet
Datasheet
BU97530KVT
TSZ02201-0P4P0D300570-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
02.Mar.2015 Rev.003
www.rohm.com
TSZ22111・15・001
Pin Description
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1/G1 to
S9/P9/G9
1 to 9
Segment output for displaying the display data transferred by
serial data input. The S1/P1/G1 to S9/P9/G9 pins can also be
used as General –purpose outputs when so set up by the
control data.
-
O
OPEN
S10 to S77
10 to 77
Segment output for displaying the display data transferred by
serial data input.
-
O
OPEN
KS1/S79 to
KS6/S84
83 to 88
Key scan outputs
Although normal key scan timing lines require diodes to be
inserted in the timing lines to prevent shorts, since these
outputs are unbalanced CMOS transistor outputs, these
outputs will not be damaged by shorting
when these outputs are used to form a key matrix. The
KS1/S79 to KS6/S84 pins can be used as segment outputs
when so specified by the control data.
-
O
OPEN
KI1/S85 to
KI5/S89
89 to 93
Key scan inputs
These pins have built-in pull-down resistors.
The KI1/S85 to KI5/S89 pins can be used as segment
outputs when so specified by the control data.
-
I/O
OPEN
COM1 to COM4
79 to 82
Common driver output pins. The frame frequency is fo[Hz].
-
O
OPEN
COM5/S78
78
COMMON / SEGMENT output for LCD driving
Assigned as COMMON output in1/5 Duty mode and
SEGMENT output in 1/1 Duty, 1/3 Duty and 1/4 Duty modes
-
O
OPEN
OSC/S90
97
Segment output for displaying the display data transferred by
serial data input.
The pin OSC/S90 can be used as external frequency input
pin when set up by the control data.
-
I/O
OPEN
SCE
SCL
SDI
98
99
100
Serial data transfer inputs. Must be connected to the
controller.
SCE: Chip enable
SCL: Synchronization clock
SDI: Transfer data
H
-
I
I
I
GND
SDO
95
Output data
-
O
OPEN
VDD
94
Power supply pin of the IC
A power voltage of 2.7V to 6.0V must be applied to this pin.
-
-
-
VSS
96
Power supply pin. Must be connected to ground.
-
-
-


Número de pieza similar - BU97530KVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
More results

Descripción similar - BU97530KVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SM7186 SAMHOP-SM7186 Datasheet
185Kb / 10P
   Built-in adjustable OSC
logo
Seiko Instruments Inc
S-19100N12H-M5T2U SII-S-19100N12H-M5T2U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
logo
Sanken electric
SPF8201 SANKEN-SPF8201 Datasheet
657Kb / 19P
   Built-in startup circuit
logo
Seiko Instruments Inc
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19100N12A-M5T2U SII-S-19100N12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
logo
List of Unclassifed Man...
PS104C ETC-PS104C Datasheet
42Kb / 1P
   BUILT-IN SCHMITT TRIGGER CIRCUIT
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com