Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU25UC3WG-TL Datasheet(PDF) 11 Page - Rohm

No. de pieza BU25UC3WG-TL
Descripción Electrónicos  High accuracy detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU25UC3WG-TL Datasheet(HTML) 11 Page - Rohm

Back Button BU25UC3WG-TL Datasheet HTML 7Page - Rohm BU25UC3WG-TL Datasheet HTML 8Page - Rohm BU25UC3WG-TL Datasheet HTML 9Page - Rohm BU25UC3WG-TL Datasheet HTML 10Page - Rohm BU25UC3WG-TL Datasheet HTML 11Page - Rohm BU25UC3WG-TL Datasheet HTML 12Page - Rohm BU25UC3WG-TL Datasheet HTML 13Page - Rohm BU25UC3WG-TL Datasheet HTML 14Page - Rohm BU25UC3WG-TL Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TSZ02201-0RBR0A300110-1-2
11/23
29.Jan.2015 Rev.005
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
BUxxUC3WG シリーズ
Datasheet
● Reference data
BU11UC3WG (Ta=25ºC unless otherwise specified.)
Figure 36.
Figure 35.
Figure 37.
Figure 40.
Figure 39.
Figure 38.
Vout=1.1V
0mA
50mA
IOUT
VOUT
Trise=Tfall=1us
10µs/div
LOAD TRANSIENT RESPONSE
Vout=1.1V
0mA
300mA
IOUT
VOUT
Trise=Tfall=1us
10µs/div
LOAD TRANSIENT RESPONSE
2.3V
2.9V
VIN
VOUT
Slew Rate = 0.5V/µs
Vout=1.1V
Iout=300mA
1ms/div
LINE TRANSIENT RESPONSE
2.3V
2.9V
VIN
VOUT
Slew Rate = 0.5V/µs
Vout=1.1V
Iout=1mA
1ms/div
LINE TRANSIENT RESPONSE
2.1V
3.6V
VIN
VOUT
Slew Rate = 0.5V/µs
Vout=1.1V
Iout=300mA
1ms/div
LINE TRANSIENT RESPONSE
VIN
VOUT
Vout=1.1V
Iout=1mA
200ms/div
VIN RAMP UP, RAMP DOWN RESPONSE


Número de pieza similar - BU25UC3WG-TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU25UA3WNVX-TL ROHM-BU25UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU25UB3WG-GTL ROHM-BU25UB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU25UB3WG-GTR ROHM-BU25UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
More results

Descripción similar - BU25UC3WG-TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com