Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD28620MUV Datasheet(PDF) 9 Page - Rohm

No. de pieza BD28620MUV
Descripción Electrónicos  Wide power supply voltage range
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD28620MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD28620MUV Datasheet HTML 5Page - Rohm BD28620MUV Datasheet HTML 6Page - Rohm BD28620MUV Datasheet HTML 7Page - Rohm BD28620MUV Datasheet HTML 8Page - Rohm BD28620MUV Datasheet HTML 9Page - Rohm BD28620MUV Datasheet HTML 10Page - Rohm BD28620MUV Datasheet HTML 11Page - Rohm BD28620MUV Datasheet HTML 12Page - Rohm BD28620MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9/46
BD28620MUV
© 2014 ROHM Co., Ltd. All rights reserved.
16.Mar.2015 Rev.004
www.rohm.com
TSZ22111・15・001
TSZ02201-0C1C0E900100-1-2
Typical Performance Curves – continued (2/11)
(Unless otherwise specified, Ta=25°C, VCC=18V, f=1kHz, RL=8Ω, RSTX=3.3V, MUTEX=3.3V, fS=48kHz, MCLK=256fS,
PLIMIT=Pull up(27kΩ), Snubber circuit: C=680pF, R=5.6Ω, ROHM 4-layer Board)
Figure 11. Waveform of Soft Start
Figure 12. Waveform of Soft Mute
MUTEX
Speaker output
MUTEX
Speaker output
Figure 9. Efficiency vs Output Power
(4Ω)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
Output Power [W/CH]
RL=4Ω
PLIMT=H
VCC=12V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
Output Power [W/CH]
Figure 10. Circuit Current vs Output Power
(4Ω)
RL=4Ω
PLIMT=H
VCC=12V


Número de pieza similar - BD28620MUV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD28623MUV ROHM-BD28623MUV Datasheet
2Mb / 53P
   Class D Speaker Amplifier for Digital Input
BD28623MUV-E2 ROHM-BD28623MUV-E2 Datasheet
2Mb / 53P
   Class D Speaker Amplifier for Digital Input
More results

Descripción similar - BD28620MUV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
ETA-USA
AOPS600 ETA-USA-AOPS600 Datasheet
5Mb / 6P
   600W Power Supply Wide Input voltage range
AOPS600-2U ETA-USA-AOPS600-2U Datasheet
1Mb / 6P
   600W Power Supply Wide Input voltage range
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com