Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMMT3904W-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza DMMT3904W-7-F
Descripción Electrónicos  40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT3904W-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  DMMT3904W-7-F Datasheet HTML 1Page - Diodes Incorporated DMMT3904W-7-F Datasheet HTML 2Page - Diodes Incorporated DMMT3904W-7-F Datasheet HTML 3Page - Diodes Incorporated DMMT3904W-7-F Datasheet HTML 4Page - Diodes Incorporated DMMT3904W-7-F Datasheet HTML 5Page - Diodes Incorporated DMMT3904W-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMMT3904W
Document number: DS30311 Rev. 12 - 2
1 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMMT3904W
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Features
BVceo > 40V
IC = 200mA high Collector Current
Pair of NPN transistors that are intrinsically matched (Note 1)
2% Matching on Current Gain (hFE)
2mV Matching on Base-Emitter Voltage (VBE)
Fully internally isolated in a small surface mount package
Totally Lead-Free & Fully RoHS Compliant (Notes 2 & 3)
Halogen and Antimony Free. "Green" Device (Note 4)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 5)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ Matte Tin Finish. Solderable per
MIL-STD-202, Method 208
Weight: 0.006 grams (approximate)
Applications
Current mirrors
Differential and instrumentation amplifiers
Comparators
Ordering Information (Note 4 & 5)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DMMT3904W-7-F
AEC-Q101
K4A
7
8
3,000
DMMT3904WQ-7-F
Automotive
K4A
7
8
3,000
Notes:
1. Intrinsically matched pair as this is built with adjacent die from the same wafer.
2. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
3. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
4. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
5. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
6. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Schematic and Pin-Out
Top View
K4A = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 2 = February)
SOT363
e3


Número de pieza similar - DMMT3904W-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMMT3904W-7-F DIODES-DMMT3904W-7-F Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
DMMT3904W-7-F DIODES-DMMT3904W-7-F Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
More results

Descripción similar - DMMT3904W-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
   40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
   45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
   65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
   45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
MMDT3904 DIODES-MMDT3904_15 Datasheet
166Kb / 5P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR IN SOT363
MMDT3946 DIODES-MMDT3946_15 Datasheet
265Kb / 8P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com