Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMMT3904WQ-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMMT3904WQ-7-F
Descripción Electrónicos  40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT3904WQ-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  DMMT3904WQ-7-F Datasheet HTML 1Page - Diodes Incorporated DMMT3904WQ-7-F Datasheet HTML 2Page - Diodes Incorporated DMMT3904WQ-7-F Datasheet HTML 3Page - Diodes Incorporated DMMT3904WQ-7-F Datasheet HTML 4Page - Diodes Incorporated DMMT3904WQ-7-F Datasheet HTML 5Page - Diodes Incorporated DMMT3904WQ-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMMT3904W
Document number: DS30311 Rev. 12 - 2
3 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMMT3904W
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
60
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage(Note 9)
BVCEO
40
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6.0
V
IE = 100µA, IC = 0
Collector Cutoff Current
ICEX
50
nA
VCE = 30V, VEB(OFF) = 3.0V
Base Cutoff Current
IBL
50
nA
VCE = 30V, VEB(OFF) = 3.0V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
40
70
100
60
30
300
IC = 100µA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
200
300
mV
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
0.65
850
950
mV
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
MATCHING CHARACTERISTICS
DC Current Gain Matching (Note 10
)
hFE1 / hFE2
1
2
%
IC = 2mA, VCE = 5V
Base-Emitter Voltage Matching (Note 11
)
VBE1 - VBE2
1
2
mV
IC = 2mA, VCE = 5V
Collector-Emitter Saturation Voltage (Note 10)
VCE(SAT)1 /
VCE(SAT)2
1
2
%
IC = 10mA, IB = 1.0mA
Base-Emitter Saturation Voltage (Note 10)
VBE(SAT)1 /
VBE(SAT)2
1
2
%
IC = 10mA, IB = 1.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
8.0
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.0
10
k
Ω
VCE = 10V, IC = 1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.5
8
x 10
-4
Small Signal Current Gain
hfe
100
400
Output Admittance
hoe
1.0
40
μS
Current Gain-Bandwidth Product
fT
300
MHz
VCE = 20V, IC = 10mA,
f = 100MHz
Noise Figure
NF
5.0
dB
VCE = 5.0V, IC = 100μA,
RS = 1.0kΩ, f = 1.0kHz
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = 3.0V, IC = 10mA,
VBE(off) = -0.5V, IB1 = 1.0mA
Rise Time
tr
35
ns
Storage Time
ts
200
ns
VCC = 3.0V, IC = 10mA,
IB1 = IB2 = 1.0mA
Fall Time
tf
50
ns
Note:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.
10. Is the ratio of one transistor compared to the other transistor.
11. VBE1 - VBE2 is the absolute difference of one transistor compared to the other transistor.


Número de pieza similar - DMMT3904WQ-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMMT3904WQ-7-F DIODES-DMMT3904WQ-7-F Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
More results

Descripción similar - DMMT3904WQ-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
   40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
   45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
   65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
   45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
MMDT3904 DIODES-MMDT3904_15 Datasheet
166Kb / 5P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR IN SOT363
MMDT3946 DIODES-MMDT3946_15 Datasheet
265Kb / 8P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com